Part Number Hot Search : 
C1815 CZMA20 00221 2SA958 LA6524 CZMA20 SG51K V11T1CG
Product Description
Full Text Search
 

To Download WR04X474JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHIP RESISTORS
w
Series No Power rating at 70
1/8W 1/10W 1/16W WR08 WR06 WR04
w
w
t a .D
S a
WR08 WR06 WR04
e h
U t4 e
1.25 0.1 0.8 0.1 0.5 0.05
.c
m o
2.0 0.1 1.6 0.1
0.4 0.2 0.3 0.1 0.2 0.1
0.4 0.2 0.3 0.2 0.25 0.1
0.5 0.15 0.45 0.15 0.35 0.05
1.0 0.05
TCR (ppm/ )
100 200 100 200 200 200
Max RCWV (Note1)
100V 100V 50V 50V 50V 50V
Max Overload Voltage
200V 200V 100V 100V 100V 100V
Resistance Tolerance( %)
1 5 1 5 1 2,5
Resistance Range(Note2)
10 1 10 1 6.8 6.8 ~ 1M ~ 10M ~ 1M ~ 10M ~2.2M ~ 2.2M
Standard Res. Values
E-96 E-24
w
w
w
.D
ta a
E-96 E-24 E-96 E-24
he S
Working Temperature Range( )
t4 e
U
om .c
-55 ~ 125
PILKOR ELECTRONICS CO., LTD.
Test Item
DC Resistance
Specification Chip Resistor
With the specified tolerance
Jumper
50m lower
Test Method
JIS C 5202 5.1 DC Resistance values measured at the test voltages specified below : Resistance nominal Test voltage 100 0.3V 1k 1V 10k 3V 100k 10V 1M 25V 10M 50V JIS C 5202 5.2 / IEC 115-1 4.8.4.2 Natural resistance change per temperature degree centigrade TCR(ppm/ ) = R2 - R1 X10 6 R1 (t2 - t1) R1 : Resistance value at referance temperature R2 : Resistance value at test temperature t1 : Room temperature, t2 : Test temperature JIS C 5202 5.5 / IEC 115-1 4.13 Permanent resistance change after a 5 second application of a voltage 2.5 times RCWV or the maximum overload voltage specified in the above list, whichever is less. JIS C 5202 6.4 / IEC 115-1 4.18 With 260 5 for 10 1 second. JIS C 5202 6.5 / IEC 115-1 4.17 After immersing flux, dip in the 235 2 0.5 second. 5 molten solder bath for
Temperature Coefficient of Resistance (TCR)
WR08 WR06 WR04
100ppm/ for F product, 200ppm/ for J product. -300~+500ppm/ for R 10 0 ~ 500ppm/ for R 10 200ppm/ for R 10 (2%+0.1 )
-
Short Time Overload (STOL) Resistance to Solder Heat Solderability
50m lower
(1%+0.05 ) 95% coverage min
50m lower -
Temperature Cycle
WR08 WR06 WR04 (1%+0.1 ) (2%+0.1 )
50m lower
JIS C 5202 7.4 / IEC 115-1 4.19 Resistance change after continuous 5cycle for duty cycle are specified below : Step Temperature Time 1 -55 3 30min 2 Normal 2~3min 3 +125 3 30min 4 Normal 2~3min JIS C 5202 7.9 / IEC 115-1 4.24.2 Resistance change after 1000+48/-0 hours, 1.5 hours ON , 0.5hour OFF , at RCWV in a humidity chamber controlled at 40 2 and 90%~95% relative humidity
Load Life in Humidity
WR08 WR06 WR04 (1%) WR04 (2%, 5%)
(3%+0.1 ) for 10 R 1M (5%+0.1 ) for R 10 R 1M (2%+0.1 ) (3%+0.1 ) (3%+0.1 ) for 10 R 1M (5%+0.1 ) for R 10 R 1M (2%+0.1 ) (3%+0.1 )
50m lower
Load Life
WR08 WR06 WR04 (1%) WR04 (2%, 5%)
50m lower
JIS C 5202 7.10 / IEC 115-1 4.25.1 Permanent resistance change after 1000+48/-0 hours, operating at RCWV with duty cycle of 1.5 hours ON , 0.5hour OFF , at 70 2 ambient.
Terminal Strength
(1%+0.05 ) no evidence of mechanical demage
50m lower
JIS C 5202 6.1.4 / IEC 115-1 4.33 Bending test : at Y/X = 3mm/90mm, one time, 10 seconds. Pulling test : 500 grams.
CHIP RESISTORS
WR08 WR06 WR04
1.65 0.2 1.1 0.2 0.7 0.05
2.4 0.2 1.9 0.2 1.2 0.05
4.0 0.1 4.0 0.1 2.0 0.1
1.0MAX 1.0MAX 0.4 0.05 WR06,08 WR04 paper paper 8mm 8mm 5,000 10,000


▲Up To Search▲   

 
Price & Availability of WR04X474JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X